|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CHINA SEMICONDUCTOR CORPORATION Spec. No. Rev. PS-ND-0710 A PRODUCT SPECIFICATION Model No CSM-57071A9/CSM-57081A9 Descriptions: 0.7Inch Dot-Matrix Display 5*7 Array with X-Y Select. CSM-57071: Column Anode, Row Cathode CSM-57081: Column Cathode, Row Anode Emitting Color Super-Bright Amber CUSTOMER APPROVED SIGNATURES APPROVED BY CHECKED BY PREPARED BY CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377 OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112 http://www.csctw.com.tw CHINA SEMICONDUCTOR CORPORATION Model No CSM-57071A9/CSM-57081A9 Spec. No. Rev. PS-ND-0710 A Features 1. 0.7 inch (17.2mm) Matrix height. 2. Case mold type. 3. RoHs compliant. 4. Low power consumption. 5. Easy mounting on P.C. board or socket. Device Selection Guide Chip Material AIGaInP Emitted Color Super-Bright Amber Part No. CSM-57071A9 CSM-57081A9 Description Column Anode Cathode Row Cathode Anode Package Dimensions - http://www.csctw.com.tw Page 1/5 CHINA SEMICONDUCTOR CORPORATION Model No CSM-57071A9/CSM-57081A9 Spec. No. Rev. PS-ND-0710 A Internal Circuit Diagrams - http://www.csctw.com.tw Page 2/5 CHINA SEMICONDUCTOR CORPORATION Model No CSM-57071A9/CSM-57081A9 Spec. No. Rev. PS-ND-0710 A Absolute Maximum Rating Parameter Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice(duty cycle 1/10, 1kHz) Derating Linear From 25 Reverse Voltage Per Dice Operating Temp. Storage Temp. Per Dice Symbol PAD IAF IPF VR Topr Tstg Rating 70 25 90 0.33 5 -35 ~ +85 -35 ~ +85 (Ta=25 ) Unit mW mA mA mA/ V Solder temperature 1/16 inch below seating plane for 3 seconds at 260 Electro-optical Characteristics (Ta=25 ) Parameter Forward Voltage Per Segment Luminous Intensity Per Segment Peak Emission Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio Symbol VF Iv Min. - Typ. 2.0 25 610 605 20 - Max. 2.8 100 2:1 Unit V mcd nm nm nm A . Condition IF=20mA IF=10mA IF=20mA IF=20mA IF=20mA VR=5V Ip=80mA 1/16Duty q Od JS IV-m - http://www.csctw.com.tw Page 3/5 CHINA SEMICONDUCTOR CORPORATION Model No CSM-57071A9/CSM-57081A9 Spec. No. Rev. PS-ND-0710 A Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted) http://www.csctw.com.tw Page 4/5 CHINA SEMICONDUCTOR CORPORATION Model No CSM-57071A9/CSM-57081A9 Spec. No. Rev. PS-ND-0710 A Note: The specifications are subject to change without notice. Please contact us for updated information. http://www.csctw.com.tw Page 5/5 |
Price & Availability of CSM-57081A9 |